PART |
Description |
Maker |
LC66562B LC66566B |
12 amd 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers CMOS LSI
|
Sanyo
|
SLE44C10S SLE44C10S-C SLE44C10S-M4 SLE44C10S-T85-C |
SECURITY & CHIP CARD ICS ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles Security & Chip Card ICs 安全 8-bit Security Controller with 9-Kbyte ROM, 256 byte RAM 1 Kbyte EEPROM and Sleep Mode(8位安全微控制9K字节ROM,256字节RAM,1K字节EEPROM,睡眠模式)) 8位安全控制器9字节ROM56字节RAM 1字节的EEPROM和休眠模式(8位安全微控制器(9K章字节光盘,256字节的RAM,每1000字节的EEPROM,睡眠模式)
|
INFINEON[Infineon Technologies AG] SIEMENS AG
|
KS57C0502 KS57C0504 KS57P0504 |
(KS57C0502 - KS57P0504) single-chip CMOS microcontroller The KS57P0504 is the microcontroller which has 4 Kbyte one-time-programmable ROM and the functions are the same to KS57C0502/C0504 The KS57P0504 is the microcontroller which has 4 Kbyte one-time-programmable ROM and the functions are the same to KS57C0502/C0504
|
Samsung semiconductor
|
AT89C51CC03 |
8-bit microcontroller with CAN controller and 64-Kbyte Flash. 2-Kbyte RAM, 2-Kbyte EEPROM, SPI. Power Fail Detect (no need for external brown- out). Pinout compatible with T89C51CC01.
|
Atmel
|
ST92195C |
(ST92195C/D) 48-96 Kbyte ROM HCMOS MCU
|
ST Microelectronics
|
ST92195 ST92195C3B1/GEN ST92T195 ST92T195D7B1 |
48-96 KBYTE ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
|
ST Microelectronics
|
LC86104C LC86108C |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM or 8K Bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104C/LC86108C
|
SANYO
|
ST72F324BJ ST72F324BJ2B5 ST72F324BJ2B6 ST72F324BJ2 |
8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
STMicroelectronics
|
LC5872 LC5874 LC5876 LC5873 |
Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 12 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAM2K位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 6 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 4 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 8 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM 4-Bit Single-Chip Microcontrollers with LCD Driver, 12KB/8KB/6KB/4KB ROM, 1KB RAM on chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
P87CL881H P87CL881H/000 |
Low-voltage microcontroller with 63-kbyte OTP program memory and 2-kbyte RAM
|
NXP Semiconductors
|
UAA2067GB-S |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 收发器电路电
|
NXP Semiconductors N.V.
|